Part Number Hot Search : 
LP2950 PA1205A PIC16C70 R2505 HCTS245K CM150 LT1802 MIC860
Product Description
Full Text Search
 

To Download TG090113W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 11 - 8 - 034 / g/ ss page 1 of 37 specification part no. : tg.09.0113 w product name : 4g/3g/2 g cellular hinged sma (m) mount monopole feature : 700mhz to 38 00mhz lte*/ gsm/cdma/hspa/umts 700*/850/900/1700/1800/1900/2100/2300/3500/3700 rotatable hinge design for optimal reception *lte 700mhz band compatible only when connected directly on ground plane lengths of 60mm or more rohs compliant
spe - 11 - 8 - 034 / g/ ss page 2 of 37 1. introduction the tg.09 penta - band cellular hinged rotatable sma antenna is a high efficiency monopole antenna. compared to other much larger antennas on the market, it has superior wide - band high efficiency characteristics. this antenna is used by many of the leading wireless device providers in the world marketplace. the unique rotatable hinge design enables the user to rotate the ant enna to the best angle for an optimal cellular signal reception. as the upper antenna element can move in any direction, it also reduces damage from impact force from any angle to the antenna, compared to traditional hinged right angle or fixed fight angl e designs or straight antennas. the tiny dimensions of this antenna coupled with excellent rf performance and an aesthetic high end design feel make it the ideal cellular antenna for routers, vehicle tracking devices, telematics devices, remote monitoring systems, and pos devices. the tg.09, as all monopole antennas works best connected directly to the ground - plane of the device main - board. taoglas offers support services to characterize antenna efficiency on your individual device ground - plane. the tg. 09 antenna also supports lte 700mhz band applications when it is directly connected to ground - planes with lengths above 60mm. please contact taoglas regional support center first if you wish to do ptcrb or network approvals with this antenna attached to y our device, so we can check rf integration is correct and do a pre - test first to ensure optimized passive and active performance and a smooth and quick certification approval process. this antenna also comes in a black housing version. tg.09.0113
spe - 11 - 8 - 034 / g/ ss page 3 of 37 2. specif ication electrical communication system 4g /3g/2g cellular 700 lte amps gsm dcs pcs umts 2300 lte 2700 lte 3500 lte 3700 lte frequency (mhz) 703 ~ 803 824 ~ 896 88 0 ~ 960 1710 ~ 1880 1850 ~ 1990 1710 ~ 2170 2300 ~ 2400 2490 ~ 2690 3400 ~ 3600 3600 ~ 3800 efficiency (free space)* 18% 22% 22% 25% 30% 30% 17% 32% 28% 43% gain (dbi, free space)* - 3.0 - 2.6 - 3.0 0.9 0.9 0.9 - 1.3 1.1 1.8 3.1 efficiency ( mounted on pcb ) * 52% 58% 57% 61% 58% 54% 31% 59% 36% 37% gain (dbi, mounted on pcb ) * 0.8 1.7 1.8 3.4 3.4 3. 4 2.3 3.7 4.3 2.6 impedance 50? polarization linear radiation pattern omni directional input power 10 w mechanical antenna length 72 1.5 mm antenna diameter 10 0.3 mm casing pom connector sma male (brass) weight 8g environmental temperature r ange - 40c to 85c storage temperature - 40 ~ +8 5 humidity non - condensing 65c 95% rh * average efficiency and peak gain of antenna sitting 180 in free space and on 150* 90mm ground plane at the side of the pcb. please refer to section 3 for testing detail.
spe - 11 - 8 - 034 / g/ ss page 4 of 37 3. antenna characteristics 3.1 test setup the tg.09 was measured and tested in four different environments a. f ree space b. on the edge of a 150* 90mm ground plane - common size for iot devices. tg.09 is mounted on the 90mm edge for testing. c. in the center o f a 300* 300mm ground plane C simulate the effect of mounting in the center of a big ground plane. d. on the edge of a 300* 300mm ground plane - simulates the effect of mounting tg.09 on top of a large gateway/router. straight position free space 150mm x 90mm ground plane 300mm x 300mm ground plane edge 300mm x 300mm ground pane center
spe - 11 - 8 - 034 / g/ ss page 5 of 37 antenna in 90 bend position chamber set up free space 150mm x 90mm ground plane 300mm x 300mm ground plane edge 300mm x 300mm ground pane center y x z y x z
spe - 11 - 8 - 034 / g/ ss page 6 of 37 3.2 return loss -35 -30 -25 -20 -15 -10 -5 0 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3400 3600 3800 4000 return loss [db] frequency [mhz] free space straight free space bend 150mm x 90mm straight 150mm x 90mm bend -35 -30 -25 -20 -15 -10 -5 0 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3400 3600 3800 4000 return loss [db] frequency [mhz] 300mm x 300mm center straight 300mm x 300mm center bend 300mm x 300mm edge straight 300mm x 300mm edge bend
spe - 11 - 8 - 034 / g/ ss page 7 of 37 3.3 vswr 1 2 3 4 5 6 7 8 9 10 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3400 3600 3800 4000 vswr frequency [mhz] free space straight free space bend 150mm x 90mm straight 150mm x 90mm bend 1 2 3 4 5 6 7 8 9 10 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3400 3600 3800 4000 vswr frequency [mhz] 300mm x 300mm center straight 300mm x 300mm center bend 300mm x 300mm edge straight 300mm x 300mm edge bend
spe - 11 - 8 - 034 / g/ ss page 8 of 37 3.4 efficiency 0 10 20 30 40 50 60 70 80 90 100 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 efficiency [%] frequency [mhz] free space straight free space bend 150mm x 90mm straight 150mm x 90mm bend 0 10 20 30 40 50 60 70 80 90 100 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 efficiency [%] frequency [mhz] 300mm x 300mm center straight 300mm x 300mm center bend 300mm x 300mm edge straight 300mm x 300mm edge bend
spe - 11 - 8 - 034 / g/ ss page 9 of 37 3.5 peak gain -9 -8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 gain [dbi] frequency [mhz] free space straight free space bend 150mm x 90mm straight 150mm x 90mm bend -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 gain [dbi] frequency [mhz] 300mm x 300mm center straight 300mm x 300mm center bend 300mm x 300mm edge straight 300mm x 300mm edge bend
spe - 11 - 8 - 034 / g/ ss page 10 of 37 3.6 average gain -12 -11 -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 aver gain [db] frequency [mhz] free space straight free space bend 150mm x 90mm straight 150mm x 90mm bend -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 aver gain [db] frequency [mhz] 300mm x 300mm center straight 300mm x 300mm center bend 300mm x 300mm edge straight 300mm x 300mm edge bend
spe - 11 - 8 - 034 / g/ ss page 11 of 37 4. radiation patterns 4.1 tg.09 in free space C straight
spe - 11 - 8 - 034 / g/ ss page 12 of 37 4.2 tg.09 in free space C 90
spe - 11 - 8 - 034 / g/ ss page 13 of 37 4.3 tg.09 on 150* 90mm ground plane C straight
spe - 11 - 8 - 034 / g/ ss page 14 of 37 4.4 tg.09 on 150*90mm ground plane C 90
spe - 11 - 8 - 034 / g/ ss page 15 of 37 4.5 tg.09 on 300 * 30 0mm ground plane centre C straight
spe - 11 - 8 - 034 / g/ ss page 16 of 37 4.6 tg.09 on 300*300mm ground plane centre C 90
spe - 11 - 8 - 034 / g/ ss page 17 of 37 4.7 tg.09 on 300 * 300 mm ground plane edge C straight
spe - 11 - 8 - 034 / g/ ss page 18 of 37 4.8 tg.09 on 300*300 mm ground plane edge C 90
spe - 11 - 8 - 034 / g/ ss page 19 of 37 5. 3d radiated pattern 5.1 free space C straight 704mhz 751mhz 824mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz 2300mhz 2500mhz 2690mhz 3400mhz 3500mhz 3600mhz
spe - 11 - 8 - 034 / g/ ss page 20 of 37 5.2 free space C 90 704mhz 751mhz 824mhz 960mhz 1710mhz 1880mhz 1990mhz 2300mhz 2500mhz 2690mhz 3400mhz 3500mhz 3600mhz
spe - 11 - 8 - 034 / g/ ss page 21 of 37 5.3 150* 90mm ground plane C straight 704mhz 751mhz 824mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz 2300mhz 2500mhz 2690mhz 2300mhz 2500mhz 2690mhz
spe - 11 - 8 - 034 / g/ ss page 22 of 37 5.4 150* 90mm ground plane C 90 704mhz 751mhz 824mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz 2300mhz 2500mhz 2690mhz 3400mhz 3500mhz 3600mhz
spe - 11 - 8 - 034 / g/ ss page 23 of 37 5.5 300* 300mm ground plane center C straight 704mhz 751mhz 824mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz 2300mhz 2500mhz 2690mhz 3400mhz 3500mhz 3600mhz
spe - 11 - 8 - 034 / g/ ss page 24 of 37 5.6 300* 300mm gr ound plane center C 90 704mhz 824mhz 960mhz 751mhz 1710mhz 1880mhz 1990mhz 2170mhz 2300mhz 2500mhz 2690mhz 3400mhz 3500mhz 3600mhz
spe - 11 - 8 - 034 / g/ ss page 25 of 37 5.7 30 0* 300mm ground plane edge C straight 704mhz 751mhz 824mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz 2300mhz 2500mhz 2690mhz 3400mhz 3500mhz 3600mhz
spe - 11 - 8 - 034 / g/ ss page 26 of 37 5.8 30 0* 300mm ground plane edge C 90 704mhz 751mhz 824mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz 2300mhz 2500mhz 2690mhz 3400mhz 3500mhz 3600mhz
spe - 11 - 8 - 034 / g/ ss page 27 of 37 6. mechanical drawing (unit: mm) 1 housing pom black 2 hinge brass ni plated 3 cap pom black 4 connector sma male (brass)
spe - 11 - 8 - 034 / g/ ss page 28 of 37 7. ins tallation
spe - 11 - 8 - 034 / g/ ss page 29 of 37 8. minimum ground plane for lte efficiency different ground plane lengths were considered for acceptable efficiency for lte bands. three different ground planes were chosen. they were all 30mm wide and the lengths were varied beginning at 90mm then 70mm and finally 60mm it was also considered whether the tg.09 antenna was positioned straight or at an angle of 90. the antenna was positioned on the edge of the ground plane for all tests. 9 0* 30mm 7 0* 30mm 6 0* 30mm
spe - 11 - 8 - 034 / g/ ss page 30 of 37 parameter straight pose band 700 lte gsm dcs pcs umts/ hspa 2300 lte 2700 lte 3500 lte 3700lte frequency (mhz) 703~ 803 824~ 960 1710~ 1880 1850~ 1990 1920~ 2170 2300~ 2400 2490~ 2690 3400~3600 3600~ 3800 average gain (dbi) 90* 30mm ground - 1.4 - 3.2 - 3.2 - 1.9 - 2.3 - 5.1 - 2.0 - 3.8 - 2.9 effic iency (%) 72% 49% 48% 64% 59% 31% 63% 42% 54% peak gain (dbi) 2.0 1.9 2.7 3.2 3.6 1.3 5.2 2.7 4.2 return loss (db) 9 4.8 5.1 11.4 11.1 5.3 9.6 9.5 7.9 average gain (dbi) 70* 30mm ground - 2.7 - 2.7 - 3.4 - 2.2 - 1.8 - 5.7 - 1.5 - 3.9 - 2.0 efficiency (%) 53 % 54% 45% 60% 67% 28% 70% 42% 62% peak gain (dbi) 1.8 2.0 1.5 3.5 4.3 1.7 4.3 3.7 5.0 return loss (db) 7.3 7.1 4.2 7.3 12.4 4.4 14.7 8.9 9.9 average gain (dbi) 60* 30mm ground - 3.9 - 2.9 - 2.9 - 2.4 - 1.6 - 7.3 - 1.4 - 4.3 - 3.0 efficiency (%) 41% 50% 51% 5 8% 69% 20% 72% 37% 49% peak gain (dbi) 1.1 1.3 2.1 3.0 4.1 0.4 4.5 3.0 4.5 return loss (db) 6.5 7.7 5.0 6.4 9.9 3.4 12.4 6.3 6.4 90 bend pose average gain (dbi) 90* 30mm ground - 1.7 - 2.4 - 3.5 - 2.1 - 2.1 - 5.3 - 2.1 - 3.3 - 2.6 efficiency (%) 68% 58% 45% 61% 61% 30% 61% 47% 54% peak gain (dbi) 2.7 2.5 2.1 3.1 3.5 1.6 5.2 3.4 4.3 return loss (db) 7.5 7.6 4.5 9.1 12.5 5.1 8.7 12.3 7.8 average gain (dbi) 70* 30mm ground - 4.2 - 2.3 - 3.7 - 2.5 - 1.8 - 4.6 - 1.5 - 3.4 - 2.0 efficiency (%) 39% 59% 42% 56% 67% 35% 70% 46% 62% peak gain (dbi) 1.4 1.7 1.4 3.2 4.3 2.1 4.1 4.1 5.1 return loss (db) 4.9 11.2 3.9 6.4 13.5 5.2 12.6 10.6 9.5 average gain (dbi) 60* 30mm ground - 5.6 - 3.0 - 3.2 - 2.6 - 1.7 - 5.9 - 1.4 - 3.9 - 3.1 efficiency (%) 28% 50% 47% 54% 68% 26% 73% 41% 4 9% peak gain (dbi) 0.0 1.0 1.8 3.0 3.8 1.1 4.3 3.3 4.5 return loss (db) 4.4 11.5 4.6 6.0 10.8 3.9 11.2 7.0 6.2
spe - 11 - 8 - 034 / g/ ss page 31 of 37 8.1 return loss -30 -25 -20 -15 -10 -5 0 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 return loss [db] frequency [mhz] 90mm x 30mm straight 70mm x 30mm straight 60mm x 30mm straight -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 return loss [db] frequency [mhz] 90mm x 30mm bend 70mm x 30mm bend 60mm x 30mm bend
spe - 11 - 8 - 034 / g/ ss page 32 of 37 8.2 vswr 0 5 10 15 20 25 30 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 vswr frequency [mhz] 90mm x 30mm straight 70mm x 30mm straight 60mm x 30mm straight 0 5 10 15 20 25 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 vswr frequency [mhz] 90mm x 30mm bend 70mm x 30mm bend 60mm x 30mm bend
spe - 11 - 8 - 034 / g/ ss page 33 of 37 8.3 efficiency for straight antenna 8.4 peak gain for straight antenna 0 10 20 30 40 50 60 70 80 90 100 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 efficiency [%] frequency [mhz] 90mm x 30mm straight 70mm x 30mm straight 60mm x 30mm straight -4 -3 -2 -1 0 1 2 3 4 5 6 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 gain [dbi] frequency [mhz] 90mm x 30mm straight 70mm x 30mm straight 60mm x 30mm straight
spe - 11 - 8 - 034 / g/ ss page 34 of 37 8.5 average gain for straight antenna 8.6 efficiency for 90 bend -9 -8 -7 -6 -5 -4 -3 -2 -1 0 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 aver gain [db] frequency [mhz] 90mm x 30mm straight 70mm x 30mm straight 60mm x 30mm straight 0 10 20 30 40 50 60 70 80 90 100 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 efficiency [%] frequency [mhz] 90mm x 30mm bend 70mm x 30mm bend 60mm x 30mm bend
spe - 11 - 8 - 034 / g/ ss page 35 of 37 8.7 peak gain for 90 bend 8.8 average gain for 90 bend -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 gain [dbi] frequency [mhz] 90mm x 30mm bend 70mm x 30mm bend 60mm x 30mm bend -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 aver gain [db] frequency [mhz] 90mm x 30mm bend 70mm x 30mm bend 60mm x 30mm bend
spe - 11 - 8 - 034 / g/ ss page 36 of 37 9. packaging
spe - 11 - 8 - 034 / g/ ss page 37 of 37 taoglas makes no warranties based on the a ccuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. taoglas reserves all rights to this document and the information contained herein. repr oduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd.


▲Up To Search▲   

 
Price & Availability of TG090113W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X